Part Number Hot Search : 
120N6 AAT4901 UPD7508C IR2C24 AS22AB 2N6576 FR104 UPD7508C
Product Description
Full Text Search
 

To Download LL101A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LL101A-LL101C
Vishay Semiconductors
Small Signal Schottky Barrier Diodes
Features
D Integrated protection ring against static
discharge
D Low capacitance D Low leakage current D Low forward voltage drop
Applications
HF-Detector Protection circuit Diode for low currents with a low supply voltage Small battery charger Power supplies DC / DC converter for notebooks
94 9371
Order Instruction
Type LL101A LL101B LL101C Type Differentiation VR=60 V, VF@IF1mA max. 0.41 V VR=50 V, VF@IF1mA max. 0.4 V VR=40 V, VF@IF1mA max. 0.39 V Ordering Code LL101A-GS08 LL101B-GS08 LL101C-GS08 Remarks Tape and Reel
Absolute Maximum Ratings
Tj = 25_C Parameter Reverse voltage g Peak forward surge current Repetitive peak forward current Forward current Junction temperature Storage temperature range tp=10ms Test Conditions Type LL101A LL101B LL101C Symbol VR VR VR IFSM IFRM IF Tj Tstg Value 60 50 40 2 150 30 125 -65...+150 Unit V V V A mA mA C C
Maximum Thermal Resistance
Tj = 25_C Parameter Junction ambient Test Conditions on PC board 50 mmx50 mmx1.6 mm Symbol RthJA Value 320 Unit K/W
Document Number 85626 Rev. 2, 13-Mar-00
www.vishay.com 1 (4)
LL101A-LL101C
Vishay Semiconductors Electrical Characteristics
Tj = 25_C Parameter Reverse Breakdown Voltage g Test Conditions IR=10mA m VR= 50 V VR= 40 V VR= 30 V IF=1mA Forward voltage drop IF=15mA Type LL101A LL101B LL101C LL101A LL101B LL101C LL101A LL101B LL101C LL101A LL101B LL101C LL101A LL101B LL101C Symbol V(BR)R V(BR)R V(BR)R IR IR IR VF VF VF VF VF VF CD CD CD Min 60 50 40 Typ Max Unit V V V nA nA nA V V V V V V pF pF pF
Leakage current g
Diode capacitance
VR= 0 V, f= 1MHz
200 200 200 0.41 0.4 0.39 1 0.95 0.9 2.0 2.1 2.2
Characteristics (Tj = 25_C unless otherwise specified)
100.00
Tj=150C
2.0 1.8 C D- Diode Capacitance ( pF ) 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 5 10 15 20 25 30 35 40 45 50 VR - Reverse Voltage ( V )
16205
Tj=25C
Reverse Current ( A)
Tj=125C
10.00
Tj=100C
1.00
Tj=75C Tj=50C
R-
0.10
Tj=25C
I 0.01
16204
0
5
10 15 20 25 30 35 40 45 50 VR - Reverse Voltage ( V )
Figure 1. Reverse Current vs. Reverse Voltage
Figure 2. Diode Capacitance vs. Reverse Voltage
www.vishay.com 2 (4)
Document Number 85626 Rev. 2, 13-Mar-00
LL101A-LL101C
Vishay Semiconductors
10.00
Forward Current ( mA ) I - F
1.00
0.10
0.01 0
16206
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 VF - Forward Voltage ( V )
Figure 3. Forward Current vs. Forward Voltage
Dimensions in mm
96 12070
Document Number 85626 Rev. 2, 13-Mar-00
www.vishay.com 3 (4)
LL101A-LL101C
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
www.vishay.com 4 (4)
Document Number 85626 Rev. 2, 13-Mar-00


▲Up To Search▲   

 
Price & Availability of LL101A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X